Part Number Hot Search : 
CIOH175 SP481CS 78032 31HTTPL1 C3216X5R DIN05S 56F801 MC140
Product Description
Full Text Search
 

To Download 1425-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model 1425 Medium Power Coaxial Terminations
Type N or TNC Connector
dc to 12.4 GHz 10 Watts
TEMPERATURE RANGE: -55C to +125C CALIBRATION: SWR Testing performed across the frequency band. Test data is available at additional cost. CONNECTOR: Type N or TNC connector per MIL-STD348 interface dimensions - mate nondestructively with MIL-C-39012 connector. Connector Options Type/Description Type N, Female Type N, Male TNC, Female TNC, Male
Features
o Connector Options - Choice of Type N or TNC - mate nondestructively with connector manufactured in accordance with MIL-C-39012. Rugged Construction.
3 4 6 7
o
CONSTRUCTION: Black, finned aluminum body, stainless steel connector; gold plated beryllium copper contacts WEIGHT: Net 110 g (4 oz) PHYSICAL DIMENSIONS:
Specifications
NOMINAL IMPEDANCE: 50 FREQUENCY RANGE: MAXIMUM SWR: Frequency (GHz) dc - 2 2-4 4-8 8 - 12.4
1.30 1.20 1.10 1.00 0.05
dc to 12.4 GHz
Connector Type Type N TNC 1.03 1.05 1.15 1.30 1.10 1.15 1.25 1.40
Specification
Model # 1425-7 1425-6 1425-4 1425-3
DIM A 83.06 80.01 84.58 86.36 (3.30) (3.15) (3.33) (3.40)
Connector Type TNC, male TNC, female N, male N, female
1.00
2.00
3.00
4.00
5.00
6.00
7.00
8.00
9.00
10.00
11.00
12.00
Typical 1425-4 SWR Performance POWER RATING: 10 watts average (mounted horizontally) @ 25C ambient temperature, derated linearly to 0 watts @ 125C. 1 kilowatt peak (5 sec pulse width; 0.05% duty cycle).
NOTE: All dimensions are given in mm (inches) and are maximum, unless otherwise specified.
86
4/30/02
5305 Spectrum Drive, Frederick, MD 21703-7362 TEL: 301-846-9222, 800-638-2048 web: www.weinschel.com email: sales@weinschel.com
Fax: 301-846-9116


▲Up To Search▲   

 
Price & Availability of 1425-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X